Part Number Hot Search : 
F1202 2400X AN1198 BCR16E N2P102 854916 02402 PE8402
Product Description
Full Text Search
 

To Download KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC10005 THRU KBPC1010
Features
* Diffused Junction * High Current Capability * Surge Overload Rating to 150A Peak * High Case Dielectric Strength of 1500V * Ideal for Printed Circuit Board Applications * Plastic Material - UL Flammability Classification 94V-0
E
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
H G
+
AC
A
AC
K B P C -8
D
C B A
Dim A B C D E G H J
Min 18.54 6.35 22.20
Max 19.56 7.60
Mechanical Data
* Case : Molded Plastic * Terminals : Plated Leads Solderable per MIL-STD-202, Method 208 * Polarity : Marked on Body * Mounting : Through Hole for #6 Screw * Mounting Torque : 5.0 Inch-pounds Maximum * Weight : 5.4 grams (approx.) * Marking : Type Number
1.27 O T ypical / 5.33 3.60 O /
o
7.37 4.00 O /
12.70 T ypical 2.38 X 45 T ypical
A ll Dimens ions in mm
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Peak Repetitive Reverse voltage Working Peak Reverse voltage DC Blocking voltage RMS Reverse voltage Average Rectified Output Current (Note 1) (Note 2) @ TC=50E @ TC=50E VRMM VRWM VR VR(RMS) Io
KBPC 10005
50 35
KBPC 1001
100 70
KBPC 1002
200 140
KBPC 1004
400 280 10 8.0 150 1.1 10 1.0 64 110 7.5
KBPC 1006
600 420
KBPC 1008
800 560
KBPC 1010
1000 700
Units
Volts Volts Amps
Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking voltage (per element) @ IF=5 A @ TC=25E @ TC=125E
IFSM VFM IR I2t Cj ReJA Tj TSTG
Amps Volts i A mA A2S pF E /W E
I2t Rating for Fusing (t<8.3ms) (Note 3) Typical Junction Capacitance per element (Note 4) Typical Thermal Resistance, Junction to Case (per element) Operating and Storage Temperature Range
-65 to +125
Notes:
(1) Mounted on metal chassis. (2) Mounted on PC board FR-4 material. (3) Non-repetitive, for t > 1.0ms and < 8.3ms. (4) Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
RATINGS AND CHARACTERISTIC CURVES KBPC10005 THRU KBPC1010
(A)
10
Resistive or Inductive load
10
F OR WARD OUTPUT C URRENT
8
Mounted on PC Board
(A) I F , FOR WARD CURRENT 1.0 0.1
Mounted on Metal chassis
6
4
I AV , AVERAGE
2
T j = 25C Pulse width = 300s
0 25 50 75 100 T C , CASE TEMPERA TURE (C) Fi g. 1 Forward Current Deratin g Curve 125
0.01 0 0.4 0.8 1.6 1.2 V F , INST ANT ANEOUS FOR WARD VOL TAGE (V) Fi g. 2 Typical Forward Characteristics, per element
150 (A)
T C = 50C Single half sine-wave JEDEC method
10 (A) CURRENT
CURRENT
125
T j = 100C
100 75
1.0
I F , PEAK FOR WARD SURGE
50
I R , INST ANT ANEOUS REVERSE
0.1
25 0 1.0 10 NUMBER OF CYCLES AT 60Hz Fi g. 3 Typical Reverse Characteristics 100
T j = 25C
0.01 0 40 80 120 PERCENT OF RA TED PEAK REVERSE VOL TAGE (%) Fi g. 4 Typical Reverse Characteristics, per element


▲Up To Search▲   

 
Price & Availability of KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X